PART |
Description |
Maker |
ISL9N308AD3 ISL9N308AD3ST ISL9N308AD3STNL |
N-Channel Logic Level UltraFET R Trench Power MOSFETs 30V, 50A, 8mOhm N-Channel Logic Level UltraFET Trench Power MOSFETs 30V, 50A, 8mз 50 A, 30 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA N-Channel Logic Level UltraFET Trench Power MOSFETs 30V, 50A, 8mз 50 A, 30 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
NTTFS4823NTAG NTTFS4823NTWG |
Power MOSFET 30V, 50A, N-Channel Single, u8FL 12.6 A, 30 V, 0.0175 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
RFP50N05L RFG50N05L FN2424 |
50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs 50 A, 50 V, 0.027 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 50A/ 50V/ 0.022 Ohm/ Logic Level/ N-Channel Power MOSFETs 50A 50V 0.022 Ohm Logic Level N-Channel Power MOSFETs From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
FDD8444 |
N-Channel PowerTrenchMOSFET 40V, 50A, 5.2mOhm 155 A, 40 V, 5.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
Fairchild Semiconductor, Corp.
|
FDD13AN06A0 FDD13AN06A0NL |
RECTIFIER SCHOTTKY SINGLE 3A 40V 80A-ifsm 0.5V-vf 0.5mA-ir DO-201AD 500/BULK 9.9 A, 60 V, 0.0135 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA N-Channel PowerTrench MOSFET, 60V, 50A, 0.0135
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
STP40NF10 STB40NF10-1 STB40NF10 |
N-CHANNEL 100V - 0.024 OHM - 50A TO-220/D2PAK/I2PAK LOW GATE CHARGE STRIPFET II POWER MOSFET N-CHANNEL 100V - 0.024ohm - 50A TO-220/D2PAK/I2PAK LOW GATE CHARGE STripFET II POWER MOSFET N-CHANNEL 100V - 0.024 OHM - 50A TO-220/D2PAK/I2PAK LOW GATE CHARGE STRIPFET II POWER MOSFET N-CHANNEL 100V - 0.024ohm - 50A TO-220/D2PAK/I2PAK LOW GATE CHARGE STripFET⑩ II POWER MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IRFB61N15D |
150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=150V/ Rds(on)max=0.032ohm/ Id=50A)
|
International Rectifier
|
NVD6820NL |
90V, 50A, 16.7 mOhm, Single N-Channel DPAK Logic Level Power MOSFET
|
ON Semiconductor
|
ATP213-TL-H ENA1526A ATP213 |
N-Channel Power MOSFET, 60V, 50A, 16mOhm, Single ATPAK General-Purpose Switching Device Applications
|
ON Semiconductor Sanyo Semicon Device
|
IRFP260 IRFP260N IRFP260NPBF |
200V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=200V, Rds(on)=0.04ohm, Id=50A) 功率MOSFET(减振钢板基本\u003d 200V的电压,的Rdson)\u003d 0.04ohm,身份证\u003d 50A条)
|
IRF[International Rectifier] International Rectifier, Corp.
|
|